Electronic Components Datasheet Search
  English  ▼

X  

HT7533-2 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7533-2
Description  100mA Low Power LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7533-2 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7533-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7533-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PinDescriptions
PinNo.
PinName
PinDescription
1
GND
Groundpin
2
VIN
Inputpin
3
VOUT
Outputpin
ElectricalCharacteristics
VIN =VOUT+2V, CIN=CO=10
mF
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
Conditions
VIN
InputVoltage
¾
¾
¾
24
V
VOUT
OutputVoltageTolerance
IOUT=10mA
-1%
+1%
V
IOUT
OutputCurrent
2.1V
£VOUT£4.4V
70
100
¾
mA
VOUT
=5.0V
100
150
¾
mA
6.0V
£VOUT£12.0V
150
¾
¾
mA
DVOUT
LoadRegulation
2.1V
£VOUT£3.6V
1mA
£IOUT£50mA
¾
10
45
mV
4.0V
£VOUT£4.4V
1mA
£IOUT£50mA
¾
13
65
mV
5.0V
£VOUT£12.0V
1mA
£IOUT£70mA
¾
17
80
mV
VDIF
VoltageDrop(Note)
IOUT=10mA,
DVOUT=2%
2.1V
£VOUT£2.4V
¾
0.46
0.95
V
2.5V
£VOUT£2.7V
0.32
0.68
V
3.0V
£VOUT£3.3V
0.23
0.41
V
VOUT
=3.6V
0.19
0.35
V
4.0V
£VOUT£4.4V
0.16
0.30
V
VOUT=5.0V
0.12
0.25
V
6.0V
£VOUT£12.0V
0.11
0.23
V
ISS
QuiescentCurrent
Noload
¾
2.5
5.0
mA
DVLINE
LineRegulation
VIN=VOUT+1V
£VIN£24V, IOUT=1mA
¾
0.1
0.2
%/V
TemperatureCoefficient
IOUT=10mA
-40
°C<Ta<85°C
2.1V
£VOUT£12.0V
¾
100
¾
ppm/
°C
Note:
Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN = VOUT +2Vwithafixedload.
HT75xx-2
Rev.1.40
3
April30,2013
, 8 , - 6
, 6 =



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com