Electronic Components Datasheet Search
  English  ▼

X  

HT7540-2 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7540-2
Description  100mA Low Power LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7540-2 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7540-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7540-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Application Circuits
Basic Circuit
High Output Current Positive Voltage Regulator
Short-Circuit Protection for Tr1
HT75xx-2
Rev. 1.40
4
April 30, 2013
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
T r 1
R s
R 1
H T 7 5 x x - 2
S e r i e s
C 1
1 0 m F
V O U T
V I N
C 2
1 0 m F
V O U T
V I N
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
T r 1
R 1
H T 7 5 x x - 2
S e r i e s
C 2
1 0 m F
C 1
1 0 m F
V I N
V O U T
V O U T
V I N
C 2
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
V O U T
V I N
V I N
V O U T
C 1
1 0 m F
H T 7 5 x x - 2
S e r i e s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com