Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 105Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 106Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 107Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 108Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 109Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 110Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 111Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 112Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 226 page
background image
Rev. 1.00
109 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Priority Control Registers
Low byte of Interrupt Priority Register 0: IP0
SFR Address: B8h
Bit
7
6
5
4
3
2
1
0
Name
—
WDTS
PT�
PS0
PT1
PX1
PT0
PX0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
WDTS: Watchdog timer reset indication flag
Described elsewhere
Bit 5
PT2: Timer 2 Interrupt priority low
Low order bit for Timer 2 interrupt priority level.
Bit 4
PS0: UART 0 Interrupt priority low
Low order bit for UART 0 interrupt priority level.
Bit 3
PT1: Timer 1 Interrupt priority low
Low order bit for Timer 1 interrupt priority level.
Bit 2
PX1: External interrupt 1 priority low
Low order bit for External Interupt 1 interrupt priority level.
Bit 1
PT0: Timer 0 Interrupt priority low
Low order bit for Timer 0 interrupt priority level.
Bit 0
PX0: External interrupt 0 priority low
Low order bit for External Interupt 0 interrupt priority level.
High byte of Interrupt Priority Register 0: IP0H
SFR Address: B9h
Bit
7
6
5
4
3
2
1
0
Name
—
—
PT�H
PS0H
PT1H
PX1H
PT0H
PX0H
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
PT2H: Timer 2 Interrupt priority high
High order bit for Timer 2 interrupt priority level.
Bit 4
PS0H: UART 0 Interrupt priority high
High order bit for UART 0 interrupt priority level.
Bit 3
PT1H: Timer 1 Interrupt priority high
High order bit for Timer 1 interrupt priority level.
Bit 2
PX1H: External interrupt 1 priority high
High order bit for External Interupt 1 interrupt priority level.
Bit 1
PT0H: Timer 0 Interrupt priority high
High order bit for Timer 0 interrupt priority level.
Bit 0
PX0H: External interrupt 0 priority high
High order bit for External Interupt 0 interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com