Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 108Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 109Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 110Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 111Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 112Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 113Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 114Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 115Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 226 page
background image
Rev. 1.00
11� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
How byte of Interrupt Priority Register 3: IP3H
SFR Address: CFh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
PTBH
PADCH
PI�CH
PSPIH
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit 7~4
Unimplemented, read as “0”
Bit 3
PTBH: Time Base Interrupt Priority high
High order bit for Time Base Interrupt Priority level.
Bit 2
PADCH: ADC Interrupt priority high
High order bit for ADC interrupt priority level.
Bit 1
PI2CH: I2C Interrupt priority high
High order bit for I2C interrupt priority level.
Bit 0
PSPIH: SPI Interrupt priority high
High order bit for SPI interrupt priority level.
External Interrupt
The external interrupt pins are pin-shared with the I/O pins and can be configured as an external
interrupt pin if the corresponding external interrupt enable bits in the interrupt control registers
have been set. The pin must also be setup as an input by setting the corresponding bits in the
port mode register. Any pull-high resistor settings will also remain valid when the pin is used as
an external interrupt pin. When the interrupt is enabled, the stack is not full and a falling edge,
a rising edge or a high to low level transition appears on the external interrupt pin, a subroutine
call to the external interrupt vector, will take place. When the interrupt is serviced, the external
interrupt request flag will be automatically reset and the EAL bit must be cleared by the application
program to disable other interrupts.
The IT0, IT1, I2FR and I3FR bits are used to select the type of active edge that will trigger the
external interrupt for INT0, INT1, INT2 and INT3 respectively. The other external interrupts,
INT4, INT5 and INT6, are triggered with a rising edge signal.
External Interrupt Trigger Type
Ext Int
Trigger Type
Register
Bit
INT0
Falling Edge or Low Level
TCON
IT0
INT1
Falling Edge or Low Level
TCON
IT1
INT�
Falling Edge or Rising Edge
T�CON
I�FR
INT�
Falling Edge or Rising Edge
T�CON
I�FR
INT4
Rising Edge
—
—
INT�
Rising Edge
—
—
INT6
Rising Edge
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com