Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 121Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
P0WAKE Register – Port 0 Wake-up
P0WAKE Register
SFR Address: 91h
Bit
7
6
5
4
3
2
1
0
Name
P07WU
P06WU
P0�WU
P04WU
P0�WU
P0�WU
P01WU
P00WU
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
P0WAKE: Port 0 bit 7~bit 0 Wake-up Control
0: Disable
1: Enable
When the device enters the IDLE or Power-Down Mode, the system clock will stop resulting in
power being conserved, a feature that is important for battery and other low-power applications.
Various methods exist to wake-up the microcontroller, one of which is to change the logic condition
on one of the P0.0~P0.7 pins to a low level. Note that the Port 0 wake-up functions are triggered
by a low logic level and not by a falling edge. This Port 0 wake-up function is especially suitable
for applications that can be woken up via external switches. The P0 wake up pins can be selected
individually to have this wake-up feature using the P0WAKE, register.
SRCR Register – Slew Rate Control
SRCR Register
SFR Address: A4h
Bit
7
6
5
4
3
2
1
0
Label
—
—
SRCR.�
SRCR.4
SRCR.�
SRCR.�
SRCR.1
SRCR.0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
SRCR.5: P5 [7:0] Slew Control Enable
0: Fast
1: Slow
Bit 4
SRCR.4: P4 [7:0] Slew Control Enable
0: Fast
1: Slow
Bit 3
SRCR.3: P3 [7:0] Slew Control Enable
0: Fast
1: Slow
Bit 2
SRCR.2: P2 [7:0] Slew Control Enable
0: Fast
1: Slow
Bit 1
SRCR.1: P1 [7:0] Slew Control Enable
0: Fast
1: Slow
Bit 0
SRCR.0: P0 [7:0] Slew Control Enable
0: Fast
1: Slow
The port pins, when setup as outputs, can be selected to have either a fast or slow slew rate. To
minimise noise generation due to fast switching of the output drivers, it may be advisable to select
the slower slew rate. The slew rates are selected port wide, individual pins cannot be selected to
have either fast or slow slew rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com