Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 173 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 173 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 169Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 170Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 171Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 172Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 173Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 174Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 175Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 176Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 177Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 226 page
background image
Rev. 1.00
17� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
CP1CR Register
SFR Address: DFh
Bit
7
6
5
4
3
2
1
0
Name
—
CP1ON
CP1POL
CP1OUT
CP1OS
—
—
—
R/W
—
R/W
R/W
R/W
R/W
—
—
—
POR
—
0
0
0
1
—
—
—
Bit 7
Unimplemented, read as “0”
Bit 6
CP1ON: Comparator 1 On/Off control
0: Off
1: On
This is the Comparator 1 on/off control bit. If the bit is zero the comparator will be
switched off and no power consumed even if analog voltages are applied to its inputs.
For power sensitive applications this bit should be cleared to zero if the comparator is
not used or before the device enters the Power-Down or IDLE mode.
Bit 5
CP1POL: Comparator 1 output polarity
0: Output not inverted
1: Output inverted
This is the comparator 1 polarity bit. If the bit is zero then the CP1OUT bit will reflect
the non-inverted output condition of the comparator. If the bit is high the comparator
CP1OUT bit will be inverted.
Bit 4
CP1OUT: Comparator 1 output bit
CP1POL=0
0: CP1+ < CP1-
1: CP1+ > CP1-
CP1POL=1
0: CP1+ > CP1-
1: CP1+ < CP1-
This bit stores the comparator 1 output bit. The polarity of the bit is determined by the
voltages on the comparator 0 inputs and by the condition of the CP1POL bit.
Bit 3
CP1OS: Comparator 1 output path select
0: C1OUT pin
1: Internal use
This is the comparator 0 output path select control bit. If the bit is set to “0” and the
CP1ON bit is “1” the comparator 0 output is connected to an external C1OUT pin. If
the bit is set to “1” or the CP1ON bit is “1” the comparator 0 output signal is only used
internally by the device allowing the shared comparator output pin to retain its normal
I/O operation.
Bit 2~0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com