Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 175 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 175 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 171Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 172Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 173Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 174Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 175Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 176Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 177Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 178Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 226 page
background image
Rev. 1.00
17� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
CPICR Register
SFR Address: BEh
Bit
7
6
5
4
3
2
1
0
Name
CP1IF
CP1IEN
CP1P1
CP1P0
CP0IF
CP0IEN
CP0P1
CP0P0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
CP1IF: Comparator 1 Output Transition Interrupt Request Flag
0: No request
1: Interrupt request
Note that this flag should be cleared using the application program.
Bit 6
CP1IEN: Comparator 1 Output Transition Interrupt enable control
0: Disable
1: Enable
Bit 5~4
CP1P1, CP1P0: Comparator 1 Output Transition Interrupt settings for interrupt
00: Interrupt disabled
01: Comparator transition output from high to low will cause an interrupt
10: Comparator transition output from low to high will generate an interrupt
11: Comparator transition output from low to high or high to low will generate an
interrupt
Bit 3
CP0IF: Comparator 0 Output Transition Interrupt Request Flag
0: Not request
1: Interrupt request
Note that this flag should be cleared using the application program.
Bit 2
CP0IEN: Comparator 0 Output Transition Interrupt enable control
0: Disable
1: Enable
Bit 1~0
CP0P1, CP0P0: Comparator 0 Output Transition Interrupt settings for interrupt
00: Interrupt disabled
01: Comparator transition output from high to low will generate an interrupt
10: Comparator transition output from low to high will generate an interrupt
11: Comparator transition output from low to high or high to low will generate an
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com