Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 178 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 178 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 174Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 175Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 176Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 177Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 178Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 226 page
background image
Rev. 1.00
178 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Registers
There are three control registers associated with the I2C bus, I2CCON, I2CADR and I2CSTA and
one data register, I2CDAT. The I2CDAT register is used to store the data being transmitted and
received on the I2C bus. Before the microcontroller writes data to the I2C bus, the actual data to be
transmitted must be placed in the I2CDAT register. After the data is received from the I2C bus, the
microcontroller can read it from the I2CDAT register. Any transmission or reception of data from
the I2C bus must be made via the I2CDAT register. The I2CADR register holds the address of the
device slave interface. This address is used by an external device when attempting to access it via
I2C bus. The complete I2C interface operation is controlled by the I2CCON register. The I2CLK
register controls the I2C clock frequency. In addition, the I2C Bus status can be reflected by the
I2CSTA register.
I2C Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
I�CCON
—
ENS1
STA
STO
SI
AA
—
—
I�CLK
I�CLK.7
I�CLK.6
I�CLK.�
I�CLK.4
I�CLK.�
I�CLK.�
I�CLK.1
I�CLK.0
I�CSTA
IICS7
IICS6
IICS�
IICS4
IICS�
—
—
—
I�CDAT
D7
D6
D�
D4
D�
D�
D1
D0
I�CADR
IICA6
IICA�
IICA4
IICA�
IICA�
IICA1
IICA0
GC
I2CCON Register
SFR Address: D8h
Bit
7
6
5
4
3
2
1
0
Name
—
ENS1
STA
STO
SI
AA
—
—
R/W
—
R/W
R/W
R/W
R/W
R/W
—
—
POR
—
0
0
0
0
0
—
—
Bit 7
Unimplemented, read as “0”
Bit 6
ENS1: I2C Enable Control
0: Disable
1: Enable
When the ENS1 bit is cleared to zero, the I2C interface will be disabled and will become
high impedance and not affect the original pin-shared I/O pin function. When the ENS1
bit is set high, the I2C function is enabled and care should be taken regarding the related
pin-shared I/O structure settings, such as disabling any internal pull up functions and
any other circuits connected to these pins.
Bit 5
STA: I2C Start flag
0: No START condition on the I2C bus
1: START condition
When the STA bit is set high, the master device will check the I2C bus status first and if
the bus is free a START condition will be generated.
Bit 4
STO: I2C Stop flag
0: No STOP condition on the I2C bus
1: Set STOP condition
When the STO bit is set high, the master device will transmit a STOP condition to the
I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com