Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 180 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 180 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 176Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 177Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 178Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 226 page
background image
Rev. 1.00
180 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2CSTA Register
SFR Address: DDh
Bit
7
6
5
4
3
2
1
0
Name
IICS7
IICS6
IICS�
IICS4
IICS�
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
1
1
1
1
1
—
—
—
Bit 7~3
IICS7~IICS3: I2C Status Code
These Read-only bits are used to indicate the I2C Status code. Refer to the I2C Status
Code section for details. The contents of the I2CSTA register is only defined when the
SI bit is set high.
Bit 2~0
Unimplemented, read as “0”
I2CDAT Register
SFR Address: DAh
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Note: The I�CDAT register is used as the I�C transmitted or received data register.
I2CADR Register
SFR Address: DBh
Bit
7
6
5
4
3
2
1
0
Name
IICA6
IICA�
IICA4
IICA�
IICA�
IICA1
IICA0
GC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~1
IICA6~IICA0: I2C slave address
IICA6~IICA0 is the I2C slave address bit 6~bit 0.
When a master device, which is connected to the I2C bus, sends out an address, which
matches the slave address in the I2CADR register, the slave device will be selected.
Bit 0
GC: General Call Address Acknowledge control bit
0: General Call Address is ignored
1: General Call Address is recognised
This bit is used to enable the General Call Address (00H) recognition function.
The I2CADR register contains the slave address for the I2C interface. In the Slave mode, the
IICA6~IICA0 bits represent a 7-bit slave address. The GC bit is used to enable the recognition
of the general call address (0x00). If the GC bit is set to “1”, the general call address recognition
function will be enabled. Otherwise, the general call address will be ignored. In the master mode,
the contents of this I2CADR register will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com