Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 182 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 182 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 178Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 226 page
background image
Rev. 1.00
18� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Bus Communication
Communication on the I2C bus requires four separate steps, a START signal, a slave device address
transmission, a data transmission and finally a STOP signal. When a START signal is placed on
the I2C bus, all devices on the bus will receive this signal and be notified of the imminent arrival of
data on the bus. The first seven bits of the data will be the slave address with the first bit being the
MSB. If the address of the slave device matches that of the transmitted address, which means one
of the I2C states is matched, the SI bit in the I2CCON register will be set and an I2C interrupt will
be generated. After entering the interrupt service routine, the devices must first check the status
of the I2CSTA register to determine the interrupt source originating condition. The SI bit is set by
hardware when one of 25 out of 26 possible I2C states is entered. The only state that does not set
the SI bit is the state F8H, which indicates that no relevant state information is available The SI bit
must be cleared by the application program.
During a data transfer, note that after the 7-bit slave address has been transmitted, the following bit,
which is the 8th bit, is the read/write bit. This bit will be checked by the slave device to determine
whether to go into transmit or receive mode. Before any transfer of data to or from the I2C bus, the
microcontroller must initialise the bus. The following are the steps to achieve this:
■
Step 1
Set the ENS1 bit in the I2CCON register high to enable the I2C bus.
■
Step 2
Write the slave address of the device to the I2C bus address register I2CADR.
■
Step 3
Set the EI2C interrupt enable bit of the interrupt control register to enable the I2C interrupt.
St ar t
Wr it e Sl av e
Ad dr es s to I 2C AD R
SE T EN S1
I 2 C Bu s
In te rr upt =?
Ye s
No
SE T SI
Wa it fo r In te rr up t
G ot o Ma in P r ogr am
CL R EI 2C
Po ll S I to d ec id e
wh en to e xe cu te I SR
G ot o Ma in P r ogr am
I2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com