Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 183 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 183 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 226 page
background image
Rev. 1.00
18� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Bus Start Signal
The START signal can only be generated by the master device connected to the I2C bus and not by
the slave device. This START signal will be detected by all devices connected to the I2C bus. When
detected, this indicates that the I2C bus is busy and therefore the STA bit will be set. A START
condition occurs when a high to low transition on the SDA line takes place when the SCL line
remains high.
Slave Address
The transmission of a START signal by the master will be detected by all devices on the I2C bus.
To determine which slave device the master wishes to communicate with, the address of the slave
device will be sent out immediately following the START signal. All slave devices, after receiving
this 7-bit address data, will compare it with their own 7-bit slave address. If the address sent out
by the master matches the internal address of the microcontroller slave device, or if the general
call address, 00H, is received when the GC bit in the I2CADR register is set high, then an internal
I2C bus interrupt signal will be generated. The next bit following the address, which is the 8th bit,
defines the read/write status. The slave device will then transmit an acknowledge bit, which is a
low level, as the 9th bit. The slave device will also set the flag SI when the addresses match.
As an I2C bus interrupt will take place if one of the possible I2C states is matched when the
program enters the interrupt subroutine, the I2CSTA register should be examined to see, for
example, whether the interrupt source has come from a matching slave address or from the
completion of a data byte transfer. When a slave address is matched, the device must be placed
in either the transmit mode and then data written to the I2CDAT register, or in the receive mode
where it must implement a dummy read from the I2CDAT register to release the SCL line. Refer to
the I2C Status Code section for details.
I2C Bus Read/Write Signal
The Read/Write bit, so called as R/W bit, is located in the 8th bit of the address data in the I2CDAT
register. The R/W bit is set high to indicate a read operation and cleared low to indicate a write
operation. The direction bit defines whether the slave device wishes to read data from the I2C bus
or write data to the I2C bus. The slave device should examine this bit to determine if it is to be a
transmitter or a receiver. If the R/W bit is “1” then this indicates that the master device wishes to
read data from the I2C bus, therefore the slave device must be setup to send data to the I2C bus as a
transmitter. If the R/W bit is “0” then this indicates that the master wishes to send data to the I2C
bus, therefore the slave device must be setup to read data from the I2C bus as a receiver.
I2C Bus Slave Address Acknowledge Signal
After the master has transmitted a calling address, any slave device on the I2C bus, whose
own internal address matches the calling address, must generate an acknowledge signal. The
acknowledge signal will inform the master that a slave device has accepted its calling address. If no
acknowledge signal is received by the master then a STOP signal must be transmitted by the master
to end the communication. When the SI flag is high, the addresses have matched and the slave
device must check the R/W bit, to determine if it is to be a transmitter or a receiver. If the R/W
bit is high, the slave device should be setup to be a transmitter, and then the microcontroller slave
device should be setup as a receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com