Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 185 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 185 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 188Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 189Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 226 page
background image
Rev. 1.00
18� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Status Codes
The I2CSTA register reflects the current status of the I2C interface. The three least significant bits
of this register are always zero. There are 26 possible status codes, presented in the accompanying
tables. When any one of 25 out of a total of 26 possible I2C states is entered, an interrupt is
requested. The only state that does not generate an interrupt is the F8h state. The contents of the
I2CDAT register is only available when an I2C interrupt takes place and the SI bit is set high. This
register is read-only and should not be written to by the application program. In the table below, the
term “SLA” means the slave address, “R” means the R/W bit=1 which are transferred together with
the slave address, “W” means the R/W bit=0 transferred together with the slave address.
I2C Status in Master Transmitter Mode
Status
Code
Status of the I2C
Application software response
Next action taken by
the I2C hardware
to/from
I2CDAT
to I2CCON
STA STO SI AA
08H
START condition has been
transmitted
Load SLA+W
X
0
0
X SLA+W will be transmitted; ACK will be received
10H
Repeated START condition
has been transmitted
Load SLA+W
X
0
0
X SLA+W will be transmitted; ACK will be received
Load SLA+W
X
0
0
X SLA+R will be transmitted;
I�C will be switched to “�aster receiver” mode
18H
SLA+W has been transmitted;
ACK has been received
Load data b�te 0
0
0
X Data b�te will be transmitted; ACK will be received
No action
1
0
0
X Repeated START will be transmitted;
No action
0
1
0
X STOP condition will be transmitted;
the “STO” flag will be reset
No action
1
1
0
X STOP condition followed b� a START condition
will be transmitted; the “STO” flag will be reset
�0H
SLA+W has been transmitted;
“not ACK” has been received
Load data b�te 0
0
0
X Data b�te will be transmitted; ACK will be received
No action
1
0
0
X Repeated START will be transmitted
No action
0
1
0
X STOP condition will be transmitted;
the “STO” flag will be reset
No action
1
1
0
X STOP condition followed b� a START condition
will be transmitted; the “STO” flag will be reset
�8H
Data b�te in I�CDAT has been
transmitted;
ACK has been received
Load data b�te 0
0
0
X Data b�te will be transmitted;
ACK bit will be received
No action
1
0
0
X Repeated START will be transmitted
No action
0
1
0
X STOP condition will be transmitted;
the “STO” flag will be reset
No action
1
1
0
X STOP condition followed b� a START condition
will be transmitted; STO flag will be reset
�0H
Data b�te in I�CDAT has been
transmitted
data b�te
0
0
0
X Data b�te will be transmitted; ACK will be received
No action
1
0
0
X Repeated START will be transmitted;
No action
0
1
0
X STOP condition will be transmitted;
STO flag will be reset
No action
1
1
0
X STOP condition followed b� a START condition
will be transmitted; STO flag will be reset
�8H
Arbitration lost in SLA+R/W or
data b�tes
No action
0
0
0
X I
�
C bus will be released;
the “not addressed slave” state will be entered
No action
1
0
0
X A START condition will be transmitted when the
bus becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com