Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 189 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 189 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 188Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 189Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 190Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 191Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 192Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 193Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 226 page
background image
Rev. 1.00
189 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Status
Code
Status of the I2C
Application software response
Next action taken by
the I2C hardware
to/from
I2CDAT
to I2CCON
STA STO SI AA
C8H
Last data b�te has been
transmitted;
ACK has been received
No action
0
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address
No action
0
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized
No action
1
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address;
START condition will be transmitted when the bus
becomes free
No action
1
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized;
START condition will be transmitted when the bus
becomes free
I2C Status: Miscellaneous States
Status
Code
Status of the I2C
Application software
response
Next action taken by
the I2C hardware
to/from
I2CDAT
to I2CCON
STA STO SI AA
F8H
No relevant state information
available SI=0
No action
No action
Wait or proceed current transfer
00H
Bus error during �ST or
selected slave modes
No action
0
1
0
X
Onl� the internal hardware is affected in the “master”
or “addressed slave” modes.
In all cases� the bus is released and I�C is switched to
the “not addressed slave” mode.
The “STO” flag is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com