Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 191 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 191 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 188Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 189Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 190Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 191Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 192Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 193Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 194Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 195Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 226 page
background image
Rev. 1.00
191 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Clock
Level/Edge
Setup
Tx/Rx Shift Register
Data Bus
SPDAT
Clock
Source
Select
Clock
Division
Select
CPOL bit
CHPA bit
Clock Base
Level Select
Clock Active
Edge Select
SCK pin
SPI Control
�aster/Slave
Control
SSN pin
SSDIS bit
�STR bit
WCOL
SPIF
SSERR
�ODF
Status
Flags
�ISO pin
�OSI pin
fs�s
SPR0
SPR1
SPR�
�STR bit
SPI Interface Block Diagram
SPI Features
The SPI function in the devices have the following features:
■
Full duplex synchronous data transfer
■
Three wire synchronous transfers
■
Dual Master and Slave modes
■
Seven SPI Master baud rates
■
Slave Clock rate up to fSYS/8
■
Serial clock with programmable polarity and phase
■
Master Mode fault error flag with MCU interrupt capability
■
Write collision flag protection
■
Data transmitted by MSB First, LSB Last mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com