| Electronic Components Datasheet Search |
|
HT85F2270 Datasheet(PDF) 190 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT85F2270 Datasheet(HTML) 190 Page - Holtek Semiconductor Inc |
|
190 / 226 page ![]() Rev. 1.00 190 of ��6 �a� 1�� �01� Standard 8051 8-Bit Flash MCU HT85F2260/HT85F2270/HT85F2280 35 Serial Interface – SPI The SPI interface is often used to communicate with external peripheral devices such as sensors, Flash Memory or EEPROM memory devices etc. Originally developed by Motorola, the four line SPI interface is a synchronous serial data interface that has a relatively simple communication protocol simplifying the programming requirements when communicating with external hardware devices. SPI Interface Operation The SPI interface is a full duplex synchronous serial data link. The SPI interface is disabled or enabled using the SPEN bit in the SPCON register which configures the functionally shared pins as SPI pins and disables their logic I/O function. The SPI interface is a slave/master type, where the device can be either master or slave decided by the MSTR bit in the SPCON register. It is a four line interface with pin names, MOSI, MISO, SCK and SSN. Pins MOSI and MISO are the Serial Data Input and Serial Data Output lines, SCK is the Serial Clock line and SSN is the Slave Select line. Communication between devices connected to the SPI interface is carried out in a slave/master mode with all data transfer initiations being implemented by the master. The Master also controls the clock signal. MI SO MO SI SC K SS N MI SO MO SI SC K SS N Sl av e Ma st er Single SPI Master and single Slave Connection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |