Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 187 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 187 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 188Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 189Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 190Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 191Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 226 page
background image
Rev. 1.00
187 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Status in Slave Receiver Mode
Status
Code
Status of the I2C
Application software response
Next action taken by
the I2C hardware
to/from
I2CDAT
to I2CCON
STA STO SI AA
60H
Own SLA+W has been
received;
ACK has been returned
No action
X
0
0
0 Data b�te will be received and “not ACK” will be
returned
No action
X
0
0
1 Data b�te will be received and ACK will be returned
68H
Arbitration lost in SLA+R/W
as master;
own SLA+W has been
received� ACK returned
No action
X
0
0
0 Data b�te will be received and “not ACK” will be
returned
No action
X
0
0
1 Data b�te will be received and ACK will be returned
70H
General call address (00H)
has been received;
ACK has been returned
No action
X
0
0
0 Data b�te will be received and “not ACK” will be
returned
No action
X
0
0
1 Data b�te will be received and ACK will be returned
78H
Arbitration lost in SLA+R/W
as master; general call
address has been received�
ACK returned
No action
X
0
0
0 Data b�te will be received and “not ACK” will be
returned
No action
X
0
0
1 Data b�te will be received and ACK will be returned
80H
Previousl� addressed with
own SLV address;
DATA has been received;
ACK returned
read data b�te
X
0
0
0 Data b�te will be received and “not ACK” will be
returned
read data b�te
X
0
0
1 Data b�te will be received and ACK will be returned
88H
Previousl� addressed with
own SLA;
DATA b�te has been
received;
“not ACK” returned
Read data b�te 0
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address
Read data b�te 0
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized
Read data b�te 1
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address;
START condition will be transmitted when the bus
becomes free
Read data b�te 1
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized;
START condition will be transmitted when the bus
becomes free
90H
Previousl� addressed with
general call address;
DATA has been received;
ACK returned
Read data b�te X
0
0
0 Data b�te will be received and “not ACK” will be
returned
Read data b�te X
0
0
1 Data b�te will be received and ACK will be returned
98H
Previousl� addressed with
general call address;
DATA has been received;
not ACK returned
Read data b�te 0
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address
Read data b�te 0
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized
Read data b�te 1
0
0
0
Switched to “not addressed slave” mode;
no recognition of own slave address or general call
address;
START condition will be transmitted when the bus
becomes free
Read data b�te 1
0
0
1
Switched to “not addressed slave” mode;
own slave address or general call address will be
recognized;
START condition will be transmitted when the bus
becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com