Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 184 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 184 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 184Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 185Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 186Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 187Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 188Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 226 page
background image
Rev. 1.00
184 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2C Bus Data and Acknowledge Signal
The transmitted data is 8-bits wide and is transmitted after the slave device has acknowledged
receipt of its slave address. The order of serial bit transmission is the MSB first and the LSB last.
After receipt of 8-bits of data, the receiver must transmit an acknowledge signal, a low level, before
it can receive the next data byte. If the slave transmitter does not receive an acknowledge bit signal
from the master receiver, then the slave transmitter will release the SDA line to allow the master to
send a STOP signal to release the I2C Bus. The corresponding data will be stored in the I2CDAT
register. If setup as a transmitter, the slave device must first write the data to be transmitted into
the I2CDAT register. If setup as a receiver, the slave device must read the transmitted data from the
I2CDAT register.
The AA bit in the I2CCON register bit indicates the type of acknowledge returned during the
acknowledge cycle on the SCL pin. If this bit is cleared to zero, a "not acknowledge" (high level
on SDA) is returned during the acknowledge cycle. If the bit is set to high, an "acknowledge" (low
level on SDA) is returned during the acknowledge cycle. The slave device, which is setup as a
transmitter will check the AA bit in the I2CCON register to determine if it is to send another data
byte, if not then it will release the SDA line and await the receipt of a STOP signal from the master.
Note: * When a slave address is matched� the device must be placed in either the transmit mode
and then write data to the I�CDAT register� or in the receive mode where it must implement a
dumm� read from the I�CDAT register to release the SCL line.
I2C Communication Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com