Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 195 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 195 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 191Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 192Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 193Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 194Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 195Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 196Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 197Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 198Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 226 page
background image
Rev. 1.00
19� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
SPI Communication
The SPI interface is first enabled by setting the SPEN bit high. This enables the internal SPI
circuitry and also enables all the SPI pins which also disabled all of the logical I/O functions. In
the Master Mode, when data is written to the SPDAT register, transmission/reception will begin
simultaneously. When the data transfer is complete, the SPIF flag will be set automatically, but
must be cleared using the application program. In the Slave Mode, when the clock signal from the
master has been received, any data in the SPDAT register will be transmitted and any data on the
MISO pin will be shifted into the SPDAT register.
The master should output an SSN signal to enable the slave device before a clock signal is provided.
The slave data to be transferred should be well prepared at the appropriate moment relative to the
SSN signal depending upon the configurations of the CPOL bit and CPHA bit. The accompanying
timing diagram shows the relationship between the slave data and SSN signal for various
configurations of the CPOL and CPHA bits.
SPI Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com