Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 198 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 198 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 194Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 195Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 196Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 197Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 198Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 226 page
background image
Rev. 1.00
198 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
36 UARTSerialInterfaces–UART0andUART1
Two fully integrated serial communications UART interfaces, namely UART0 and UART1, enable
the communication with external devices that contain a similar serial interface. The UART1 is
only available on the HT85F2270/2280. Although what is known as a UART function essentially
provides only asynchronous data transfer operations, UART0 also provides extended synchronous
data transfer operations.
UART Overview
UART0 provides a flexible full-duplex synchronous/asynchronous receiver/transmitter and has four
operating modes while UART1 provides a flexible full-duplex asynchronous receiver/transmitter
with two operating modes. Both of them have programmable Baud Rates. The UART functions
have many features and can transmit and receive data serially by transferring a frame of data with
eight or nine data bits per transmission. The UART functions possesses their own internal interrupt
which can be used to indicate when a data reception operation has occurred or when a data
transmission operation has terminated.
UART0 Features
The integrated UART0 function contains the following features:
■
Full-duplex, synchronous and asynchronous communication
■
Four operating modes
■
8 or 9 bits character length
■
Programmable Baud rate generator
■
Separately enabled transmitter and receiver
■
2-byte Deep FIFO Receive Data Buffer
■
Transmission and reception of interrupts
■
Fully compatible with the standard 8051 serial channel
UART1 Features
The integrated UART1 function contains the following features:
■
Full-duplex, asynchronous communication
■
Two operating modes
■
8 or 9 bits character length
■
Programmable Baud rate generator
■
Separately enabled transmitter and receiver
■
2-byte Deep FIFO Receive Data Buffer
■
Transmission and reception of interrupts
■
Fully compatible with the standard 8051 serial channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com