Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 201 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 201 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 197Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 198Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 226 page
background image
Rev. 1.00
�01 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
UART0 Register Description
There are several control registers associated with the UART0 function. The S0CON register
controls the overall function of the UART0, while the SBRCON, SPPRE, S0RELL and S0RELH
registers control the Baud rate. The actual data to be transmitted and received on the serial
interface is managed through the S0BUF data register. The SMOD bit in the PCON register is used
to double the baud rate clock.
UART0 Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
S0CON
S�0
S�1
S��0
REN0
TB80
RB80
TI0
RI0
S0RELL
S0REL.7
S0REL.6
S0REL.�
S0REL.4
S0REL.�
S0REL.�
S0REL.1
S0REL.0
S0RELH
—
—
—
—
—
—
S0REL.9
S0REL.8
S0BUF
D7
D6
D�
D4
D�
D�
D1
D0
SPPRE
—
—
—
—
S1PRE1
S1PRE0
S0PRE1
S0PRE0
SBRCON
BD
BD1
—
—
—
—
—
—
PCON
S�OD
—
—
—
—
GF0
PD
IDL
S0BUF Register – UART0 Data register
SFR Address: 99h
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
UART0 data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com