Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 203 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 203 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 206Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 207Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 226 page
background image
Rev. 1.00
�0� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
S0RELL Register – UART0 Reload Low Register
SFR Address: AAh
Bit
7
6
5
4
3
2
1
0
Name
S0REL.7
S0REL.6
S0REL.�
S0REL.4
S0REL.�
S0REL.�
S0REL.1
S0REL.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
0
1
1
0
0
1
S0RELH Register – UART0 Reload High Register
SFR Address: BAh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
S0REL.9
S0REL.8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
1
1
The UART0 Reload registers, S0RELL and S0RELH, are used to setup the UART0 baud rate
generation. The UART0 baud rate setup range is 10-bit wide, consisting of 8 bits in S0RELL and 2
bits in S0RELH.
SPPRE Register – UART Clock Prescaler Register
SFR Address: A5h
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
S1PRE1
S1PRE0
S0PRE1
S0PRE0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
1
1
1
1
Bit 7~4
Unimplemented, read as “0”
Bit 3~2
S1PRE1, S1PRE0: UART 1 Reload Counter Clock Select
00: fSYS/12
01: fSYS/6
10: fSYS/4
11: fSYS
Bit 1~0
S0PRE1, S0PRE0: UART 0 Reload Counter Clock Select
00: fSYS/12
01: fSYS/6
10: fSYS/4
11: fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com