Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 202 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 202 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 198Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 206Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 226 page
background image
Rev. 1.00
�0� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
S0CON Register – UART0 Control register
SFR Address: 98h
Bit
7
6
5
4
3
2
1
0
Name
S�0
S�1
S��0
REN0
TB80
RB80
TI0
RI0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
SM0, SM1: UART0 Operating mode select bits
00: Mode 0
01: Mode 1
10: Mode 2
11: Mode 3
The following table illustrates the corresponding mode descriptions and baud rates. In
mode1 and mode 3, the variable baud rate is dependent on the system clock, the baud
rate clock source and the prescaler selections. Operating mode details are described
elsewhere.
Mode
Mode Name
Baud Rate
Synchronisation
�ode 0
8-bit shift register
fSYS/1�
S�nchronous
�ode 1
8-bit UART
Variable
As�nchronous
�ode �
9-bit UART
SP0CLK/�� or
SP0CLK/64
As�nchronous
�ode �
9-bit UART
Variable
As�nchronous
Note that the SP0CLK is described in the UART0 Baud Rate Setup section.
Bit 5
SM20: Multiprocessor communication enable control
0: Disable
1: Enable
Refer to the UART0 Multiprocessor Communication section for details.
Bit 4
REN0: UART0 serial data reception enable control
0: Disable
1: Enable
Bit 3
TB80: Ninth Transmit bit assignment
0: Low
1: High
This bit is only available in Mode 2 and Mode 3. It is not effective in Mode 0 and Mode
1. The bit is assigned using the application program.
Bit 2
RB80: Ninth Receive bit assignment
0: Low
1: High
This bit is used to assign the level of the ninth bit in Mode 2 and Mode 3. In mode 1, if
the SM20 bit is zero, the RB80 bit is assigned as the level of the received stop bit. It is
not available in Mode 0.
Bit 1
TI0: UART0 transmit interrupt flag
0: No interrupt request
1: Interrupt request
This bit must be cleared using the application program.
Bit 0
RI0: UART0 receive interrupt flag
0: No interrupt request
1: Interrupt request
This bit must be cleared using the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com