Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 200 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 200 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 196Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 197Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 198Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 199Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 226 page
background image
Rev. 1.00
�00 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
UART0 Operating Description
This section provides a more detailed description of the UART0 structure and operation. The
following shows the overall UART0 block diagram.
UART0 Baud Rate
Transmit Shift Register
Control Unit
Output
Latch
RXD0
RI0
TI0
Receive Shift Register
Input
Latch
S0BUF
RXD0
TXD0
�CU Data Bus
UART 0 Block Diagram
UART0 External Pin Interfacing
To communicate with an external serial interface, the UART0 has two external pins known as
TXD0 and RXD0. The UART0 provides four operating modes which can be categorised into
two transmitter/receiver methods, so called Synchronous and Asynchronous. In Synchronous
communication, the MCU must be the master device and the TXD0 pin is used to provide the
shift clock while the RXD0 pin is used as the data transmitter/receiver pin. In Asynchronous
communication, which does require a clock signal, the TXD0 pin is used to transmit data while the
RXD0 pin is used as the data receive pin. The TXD0 and RXD0 pins are pin shared with I/O pins.
When the UART0 function is disabled, controlled by the REN0 bit in the S0CON register, these
two pins can be used as general purpose I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com