Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 204 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 204 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 200Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 206Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 207Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 208Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 226 page
background image
Rev. 1.00
�04 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
SBRCON Register
SFR Address: DCh
Bit
7
6
5
4
3
2
1
0
Name
BD
BD1
—
—
—
—
—
—
R/W
R/W
R/W
—
—
—
—
—
—
POR
0
0
—
—
—
—
—
—
Bit 7
BD: UART0 Baud rate select for mode 1 and mode 3
0: Timer 1 overflow baud rate generator
1: SRELL and SRELH register controlled baud rate generator
The SRELL and SRELH registers combine to form a 10-bit reload register pair for the
Baud rate generator.
Bit 6
BD1: UART1 internal Baud rate generator enable control (only available on HT85F2280/2270)
0: Disable
1: Enable
Bit 5~0
Unimplemented, read as “0”
PCON Register
SFR Address: 87h
Bit
7
6
5
4
3
2
1
0
Name
S�OD
—
—
—
—
GF0
PD
IDL
R/W
R/W
—
—
—
R
R/W
R/W
R/W
POR
0
—
—
—
1
0
0
0
Bit 7
SMOD: UART0 double baud rate select
0: Not double
1: Double
Bit 6~3
Unimplemented
Bit 2
GF0: General Purpose Flag
Bit 1
PD: Power-Down Mode control bit
Described elsewhere
Bit 0
IDL: IDLE Mode control bit
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com