Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 205 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 205 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 201Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 202Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 203Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 206Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 207Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 208Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 209Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 226 page
background image
Rev. 1.00
�0� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
UART0 Operating Modes
UART0 provides four operation modes, selected by the SM1 and SM0 bits in the S0CON register.
There are one synchronous and three asynchronous modes, offering different baud rates and
functional options. The following table illustrates the different operational mode list. When a
transmit/receive data transfer operation has completed, a transmit/receive interrupt will take place
and the interrupt request bit, TI0 or RI0, will be set high.
UART0 Operating Modes
Mode
Mode Name
Baud Rate
Synchronisation
Start/Stop Bits
�ode 0
8-bit shift register
fSYS/1�
S�nchronous
None
�ode 1
8-bit UART
Variable
As�nchronous
1 Start� 1 Stop
�ode �
9-bit UART
SP0CLK/�� or SP0CLK/64
As�nchronous
1 Start� 1 Stop
�ode �
9-bit UART
Variable
As�nchronous
1 Start� 1 Stop
Mode 0
Mode 0 is an integrated half-duplex synchronous serial communication interface. The 8 bits of
data are communicated via the RXD0 pin while the TXD0 pin provides the shift clock for this
communication. The data will then be transferred to the Transmit Shift Register from where it will
be shifted out, LSB first, onto the RXD0 pin at a fixed Baud rate of fSYS/12. The Transmission is
started by writing a data into the S0BUF register.
Data to be received by the UART is accepted on the external RXD0 pin, from where it is shifted in,
LSB first, to the Receiver Shift Register at a fixed Baud rate of fSYS/12. The reception is started by
setting the REN0 bit in the S0CON register to “1”. When the shift register is full, the data will then
be transferred from the shift register to the internal S0BUF register, where it is buffered and can be
manipulated by the application program.
D0
D1
D2
D3
D4
D5
D6
D7
RX D0
(D at a ou t)
Da ta T ra ns mi t Ti mi ng Di ag ra m
TX D0
(C lo ck ou t)
D0
D1
D2
D3
D4
D5
D6
D7
RX D0
(D at a in )
Da ta R ecer i ve Ti mi ng D ia gr am
TX D0
(C lo ck ou t)
UART0 Mode 0 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com