Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 208 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 208 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 204Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 205Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 206Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 207Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 208Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 209Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 210Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 211Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 212Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 226 page
background image
Rev. 1.00
�08 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Mode 3
The only difference between Mode 2 and Mode 3 is that the internal Baud rate is variable in
Mode 3, whereas it is fixed in Mode 2. Mode 3 is an integrated full-duplex asynchronous serial
communication interface. The 9 bits of data are received via the RXD0 pin while the TXD0 pin
is the data transmit pin for this communication mode. For data reception, data received on the
RXD0 pin will be shifted into the Receive Shift Register by the Baud rate generator. For data
transmission, data in the Transmit Shift Register will be will be shifted out onto the TXD0 pin by
the Baud rate generator. The Baud rate frequency is selected by the BD bit in the SBRCON register
to be either sourced from the Timer1 overflow or to be setup by the S0RELL/S0RELH registers. In
addition, the Baud rate can be doubled using the SMOD bit in the PCON register.
Data transmission is started by writing to the S0BUF register. The TXD0 pin outputs the serial
data. The first bit transmitted is a start bit, always “0”, then 9 bits of data where the 9th bit is taken
from the TB80 bit of the S0CON register, after which a stop bit, always “1”, is transmitted.
Data to be received by the UART is accepted on the external RXD0 pin. When reception starts, the
UART0 synchronizes with the falling edge detected by the RXD0 pin. Input data is available after
one byte of data is complete in the S0BUF register, and the 9th bit is available as the RB80 bit in
the S0CON register. During the reception process, the S0BUF data and the RB80 bit will remain
unchanged until the process is complete.
St ar t Bi t
D 0
D 1
D 2
D 3
D 4
D 5
D 6
D 7
St op Bi t
Da ta T ra ns mi t Ti mi ng Di ag ra m
TX D0
(D at a ou t)
B aud R at e
cl oc k
St ar t Bi t
D 0
D 1
D 2
D 3
D 4
D 5
D 6
D 7
St op Bi t
Da ta R ecei ve Ti mi ng D ia gr am
RX D0
(D at a in )
Sa mp li ng R at e
TB 80
RB 80
UART0 Mode 3 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com