Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 212 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 212 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 208Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 209Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 210Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 211Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 212Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 213Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 214Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 226 page
background image
Rev. 1.00
�1� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
S1CON Register – UART1 Control register
SFR Address: 9Bh
Bit
7
6
5
4
3
2
1
0
Name
S�
—
S��1
REN1
TB81
RB81
TI1
RI1
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
—
0
0
0
0
0
0
Bit 7
SM: UART1 Operating mode select bit
0: Mode A
1: Mode B
The following table illustrates the corresponding mode descriptions and baud rates.
Operating mode details are described elsewhere.
SM bit
Mode
Mode Name
Baud Rate
Synchronisation
0
�ode A
9-bit UART
Variable
As�nchronous
1
�ode B
8-bit UART
Variable
As�nchronous
Bit 6
Unimplemented, read as “0”
Bit 5
SM21: Multiprocessor communication enable control
0: Disable
1: Enable
Refer to the UART1 Multiprocessor Communication section for details.
Bit 4
REN1: UART1 serial data reception enable control
0: Disable
1: Enable
Bit 3
TB81: Ninth Transmit bit assignment
0: Low
1: High
This bit is only available in Mode A. It is not effective in Mode B. The bit is assigned
using the application program.
Bit 2
RB81: Ninth Receive bit assignment
0: Low
1: High
This bit is used to assign the level of the ninth bit in Mode A. In mode A, if the SM21
bit is zero, the RB81 bit is assigned as the level of the received stop bit. It is not
available in Mode B.
Bit 1
TI1: UART1 transmit interrupt flag
0: No interrupt request
1: Interrupt request
This bit must be cleared using the application program.
Bit 0
RI1: UART1 receive interrupt flag
0: No interrupt request
1: Interrupt request
This bit must be cleared using the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com