Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 215 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 215 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 211Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 212Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 213Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 214Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 226 page
background image
Rev. 1.00
�1� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Mode B
Mode B is an integrated full-duplex asynchronous serial communication interface. The 8 bits
of data are received via the RXD1 pin while the TXD1 pin provides the data transmit for this
communication. The data will then be transferred to the Transmit Shift Register from where it
will be shifted out onto the TXD1 pin by the UART1 Baud rate generator. The internal Baud rate
generator is enabled/disabled by the BD1 bit of the SBRCON register. The S1RELL/S1RELH
registers must be used to setup the Baud rate generator.
Data transmission is started by writing data to the S1BUF register. The TXD1 pin outputs data.
The first bit transmitted is a start bit, always “0”, then 8 bits of data, after which a stop bit, always “1”,
is transmitted.
Data to be received by the UART1 is accepted on the external RXD1 pin. When reception starts,
UART1 synchronises with the falling edge detected by the RXD1 pin. Input data is available after
one byte of data is complete in the S1BUF register and the value of the STOP bit is available as the
RB81 flag in the S1CON register. During the reception process, the S1BUF data and the RB81 bit
will remain unchanged until the process is complete.
St ar t Bi t
D 0
D 1
D 2
D 3
D 4
D 5
D 6
D 7
St op Bi t
Da ta T ra ns mi t Ti mi ng Di ag ra m
TX D1
(D at a ou t)
B aud R at e
cl oc k
St ar t Bi t
D 0
D 1
D 2
D 3
D 4
D 5
D 6
D 7
St op Bi t
Da ta R ecei ve Ti mi ng D ia gr am
RX D1
(D at a in )
Sa mp li ng R at e
UART1 Mode B Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com