Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 219 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 219 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 222Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 223Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 226 page
background image
Rev. 1.00
�19 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Logic Operations
Mnemonic
Description
Code
Bytes Cycles
ANL A�Rn
AND register to Accumulator
0X�8-0X�F
1
1
ANL A�direct
AND directl� addressed data to Accumulator
0X��
�
�
ANL A�@Ri
AND indirectl� addressed data to Accumulator
0X�6-0X�7
1
�
ANL A�#data
AND immediate data to Accumulator
0X�4
�
�
ANL direct�A
AND Accumulator to directl� addressed location
0X��
�
�
ANL direct�#data AND immediate data to directl� addressed location
0X��
�
4
ORL A�Rn
OR register to Accumulator
0X48-0X4F
1
1
ORL A�direct
OR directl� addressed data to Accumulator
0X4�
�
�
ORL A�@Ri
OR indirectl� addressed data to Accumulator
0X46-0X47
1
�
ORL A�#data
OR immediate data to Accumulator
0X44
�
�
ORL direct�A
OR Accumulator to directl� addressed location
0X4�
�
�
ORL direct�#data OR immediate data to directl� addressed location
0X4�
�
4
XRL A�Rn
Exclusive OR register to Accumulator
0X68-0X6F
1
1
XRL A�direct
Exclusive OR directl� addressed data to Accumulator
0X6�
�
�
XRL A�@Ri
Exclusive OR indirectl� addressed data to Accumulator
0X66-0X67
1
�
XRL A�#data
Exclusive OR immediate data to Accumulator
0X64
�
�
XRL direct�A
Exclusive OR Accumulator to directl� addressed location
0X6�
�
�
XRL direct�#data Exclusive OR immediate data to directl� addressed location 0X6�
�
4
CLR A
Clear Accumulator
0XE4
1
1
CPL A
Complement Accumulator
0XF4
1
1
RL A
Rotate Accumulator left
0X��
1
1
RLC A
Rotate Accumulator left through carr�
0X��
1
1
RR A
Rotate Accumulator right
0X0�
1
1
RRC A
Rotate Accumulator right through carr�
0X1�
1
1
SWAP A
Swap nibbles within the Accumulator
0XC4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com