Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 217 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 217 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 213Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 214Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 226 page
background image
Rev. 1.00
�17 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
37 Instruction Set
Introduction
All instructions are binary code compatible and perform the same functions as they do within
the industry standard 8051. The following tables give a summary of instruction cycles of the
HT85XXX microcontroller core.
The following two tables contain notes on mnemonics used in Instruction set.
Notes on Data Addressing Modes
Symbol
Description
Rn
Working register R0~R7.
direct
One of 1�8 internal RA� locations or an� Special Function Register.
@Ri
Indirect internal or external RA� location addressed b� register R0 or R1.
#data
8-bit constant included in instruction (immediate operand).
#data 16
16-bit constant included as b�tes � and � of instruction (immediate operand).
bit
One of 128 software flags located in internal RAM, or any flag of bit-addressable Special Function
Registers� including I/O pins and status word.
A
Accumulator.
Notes on Program Addressing Modes
Symbol
Description
addr16
Destination address for LCALL or LJ�P� can be an�where within the 64-Kb�te page of program
memor� address space.
addr11
Destination address for ACALL or AJ�P� within the same �-Kb�te page of program memor� as the
first byte of the following instruction.
rel
SJ�P and all conditional jumps include an 8-bit offset b�te. Its range is +1�7/-1�8 b�tes relative to
the first byte of the following instruction.
The following tables show instruction hexadecimal codes, number of bytes and machine cycles that
each instruction takes to be executed. Note the number of cycles is given for no program memory
wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com