Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 216 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 216 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 212Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 213Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 214Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 226 page
background image
Rev. 1.00
�16 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
UART1 Multiprocessor Communication
As UART1 can receive 9 bits in Mode A, it can be used for multiprocessor communication. When
the SM21 bit in the S1CON register is set, the receive interrupt is generated only when the 9th
received bit, the RB81 bit in the S1CON register, is high. Otherwise, no interrupt is generated upon
reception.
To utilise this feature for multiprocessor communication, the slave processors have their SM21 bit
set to high. The master processor transmits the slave’s address, with the 9th bit set high, generating
a reception interrupt in all of the slaves. The slave processors’ software compares the received byte
with their network address. If there is a match, the addressed slave clears its SM21 flag and the rest
of the message is transmitted from the master with the 9th bit set to low. The other slaves keep their
SM21 set high so that they ignore the rest of the message sent by the master. In this way, there are
reduced program overheads to distinguish the target slave MCU.
UART1 Baud Rate Setup
The UART1 operating Modes A and B, have a variable baud rate setup using the UART1 Baud
rate generator. The clock source is sourced from the system clock. The baud rate generator can be
controlled using the S1RELH and S1RELL registers and the clock is selected using the S1PRE0 and
S1PRE1 bits.
fSYS
10-bit Timer
S1RELH[1:0]
S1RELL[7:0]
UART1
Baud Rate
SP1CLK
fSYS/4
fSYS
fSYS/6
fSYS/1�
S1PRE0
S1PRE1
�
U
X
÷�
÷16
UART1 Baud Rate Generator
The Variable baud rate can be derived using the following equation:
)
1
_
_
(
*
])
0
:
9
[
1
2
(
*
32
1
_
10
CLK
SP
of
Freq
REL
S
Rate
Baud
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com