Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 218 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 218 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 214Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 215Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 222Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 226 page
background image
Rev. 1.00
�18 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Arithmetic Operations
Mnemonic
Description
Code
Bytes Cycles
ADD A�Rn
Add register to Accumulator
0X�8-0X�F
1
1
ADD A�direct
Add directl� addressed data to Accumulator
0X��
�
�
ADD A�@Ri
Add indirectl� addressed data to Accumulator
0X�6-0X�7
1
�
ADD A�#data
Add immediate data to Accumulator
0X�4
�
�
ADDC A�Rn
Add register to Accumulator with carry flag
0X�8-0X�F
1
1
ADDC A�direct Add directly addressed data to Accumulator with carry flag
0X��
�
�
ADDC A�@Ri
Add indirectly addresses data to Accumulator with carry flag
0X�6-0X�7
1
�
ADDC A�#data Add immediate data to Accumulator with carry flag
0X�4
�
�
SUBB A�Rn
Subtract register from Accumulator with borrow
0X98-0X9F
1
1
SUBB A�direct Subtract directl� addressed data from Accumulator with borrow
0X9�
�
�
SUBB A�@Ri
Subtract indirectl� addressed data from Accumulator with borrow 0X96-0X97
1
�
SUBB A�#data Subtract immediate data from Accumulator with borrow
0X94
�
�
INC A
Increment Accumulator
0X04
1
1
INC Rn
Increment register
0X08-0X0F
1
1
INC direct
Increment directl� addressed location
0X0�
�
�
INC @Ri
Increment indirectl� addressed location
0X06-0X07
1
�
INC DPTR
Increment data pointer
0XA�
1
1
DEC A
Decrement Accumulator
0X14
1
1
DEC Rn
Decrement register
0X18-0X1F
1
1
DEC direct
Decrement directl� addressed location.
0X1�
�
�
DEC @Ri
Decrement indirectl� addressed location
0X16-0X17
1
�
�UL AB
�ultipl� A and B
0XA4
1
4
DIV AB
Divide A b� B
0X84
1
4
DA A
Decimal adjust Accumulator
0XD4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com