Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 220 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 220 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 216Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 217Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 222Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 223Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 224Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 226 page
background image
Rev. 1.00
��0 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Data transfer Operations
Mnemonic
Description
Code
Bytes Cycles
�OV A�Rn
�ove register to Accumulator
0XE8-0XEF
1
1
�OV A�direct
�ove directl� addressed data to Accumulator
0XE�
�
�
�OV A�@Ri
�ove indirectl� addressed data to Accumulator
0XE6-0XE7
1
�
�OV A�#data
�ove immediate data to Accumulator
0X74
�
�
�OV Rn�A
�ove Accumulator to register
0XF8-0XFF
1
1
�OV Rn�direct
�ove directl� addressed data to register
0XA8-0XAF
�
�
�OV Rn�#data
�ove immediate data to register
0X78-0X7F
�
�
�OV direct�A
�ove Accumulator to direct b�te
0XF�
�
�
�OV direct�Rn
�ove register to direct b�te
0X88-0X8F
�
�
�OV direct1�direct� �ove directl� addressed data to directl� addressed location
0X8�
�
�
�OV direct�@Ri
�ove indirectl� addressed data to directl� addressed location 0X86-0X87
�
�
�OV direct�#data
�ove immediate data to directl� addressed location
0X7�
�
�
�OV @Ri�A
�ove Accumulator to indirectl� addressed location
0XF6-0XF7
1
1
�OV @Ri�direct
�ove directl� addressed data to indirectl� addressed location 0XA6-0XA7
�
�
�OV @Ri�#data
�ove immediate data to indirectl� addressed location
0X76-0X77
�
�
�OV DPTR�#data16 Load data pointer with a 16-bit immediate
0X90
�
�
�OVC A�@A+DPTR Load Accumulator with a code b�te relative to DPTR
0X9�
1
4
�OVC A�@A+PC
Load Accumulator with a code b�te relative to PC
0X8�
1
4
�OVX A�@Ri
�ove external RA� (8-bit addr.) to Accumulator
0XE�-0XE�
1
�
�OVX A�@DPTR
�ove external RA� (16-bit addr.) to Accumulator
0XE0
1
�
�OVX @Ri�A
�ove Accumulator to external RA� (8-bit addr.)
0XF�-0XF�
1
�
�OVX @DPTR�A
�ove Accumulator to external RA� (16-bit addr.)
0XF0
1
�
PUSH direct
Push directl� addressed data onto stack
0XC0
�
�
POP direct
Pop directl� addressed location from stack
0XD0
�
�
XCH A�Rn
Exchange register with Accumulator
0XC8-0XCF
1
1
XCH A�direct
Exchange directl� addressed location with Accumulator
0XC�
�
�
XCH A�@Ri
Exchange indirect RA� with Accumulator
0XC6-0XC7
1
�
XCHD A�@Ri
Exchange low-order nibbles of indirect and Accumulator
0XD6-0XD7
1
�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com