Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 224 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 224 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 222Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 223Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 224Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 225Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 226Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 224 / 226 page
background image
Rev. 1.00
��4 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
48-pin LQFP (7mm×7mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.��0
—
0.��8
B
0.�7�
—
0.�80
C
0.��0
0.��8
D
0.�7�
—
0.�80
E
—
0.0�0
—
F
—
0.008
—
G
0.0��
—
0.0�7
H
—
—
0.06�
I
—
0.004
—
J
0.018
—
0.0�0
K
0.004
—
0.008
α
0°
—
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
—
9.10
B
6.90
—
7.10
C
8.90
—
9.10
D
6.90
—
7.10
E
—
0.�0
—
F
—
0.�0
—
G
1.��
—
1.4�
H
—
—
1.60
I
—
0.10
—
J
0.4�
—
0.7�
K
0.10
—
0.�0
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com