Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 222 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 222 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 218Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 219Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 220Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 221Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 222Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 223Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 224Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 225Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 226Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 222 / 226 page
background image
Rev. 1.00
��� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Boolean Manipulation
Mnemonic
Description
Code
Bytes Cycles
CLR C
Clear carry flag
0XC�
1
1
CLR bit
Clear directl� addressed bit
0XC�
�
�
SETB C
Set carry flag
0XD�
1
1
SETB bit
Set directl� addressed bit
0XD�
�
�
CPL C
Complement carry flag
0XB�
1
1
CPL bit
Complement directl� addressed bit
0XB�
�
�
ANL C� bit
AND directly addressed bit to carry flag
0X8�
�
�
ANL C�/bit
AND complement of directl� addressed bit to carr�
0XB0
�
�
ORL C� bit
OR directly addressed bit to carry flag
0X7�
�
�
ORL C�/bit
OR complement of directl� addressed bit to carr�
0XA0
�
�
�OV C� bit
Move directly addressed bit to carry flag
0XA�
�
�
�OV bit� C
Move carry flag to directly addressed bit
0X9�
�
�
Read-Modify-Write Instruction
Instructions that read a byte from SFR or internal RAM, modify it and rewrite it back, are called
“Read-Modify-Write” instructions. When the destination is an I/O port (P0-P3), or a Port bit, these
instructions read the output latch rather than the pin. Below table is RMW instruction set.
Mnemonic
Description
Code
Bytes Cycles
ANL direct� A
AND accumulator to direct
0x��
�
�
ANL direct� #data AND immediate data to direct
0x��
�
4
ORL direct� A
OR accumulator to direct
0x4�
�
�
ORL direct� #data OR immediate data to direct
0x4�
�
4
XRL direct� A
Exclusive OR accumulator to direct
0x6�
�
�
XRL direct� #data Exclusive OR immediate data to direct
0x6�
�
4
JBC bit� rel
Jump if bit is set and clear bit
0x10
�
4/�(*)
CPL bit
Complement bit
0xB�
�
�
INC direct
Increment direct
0x0�
�
�
INC @Ri
Increment indirect
0x06-0x07
1
�
DEC direct
Decrement direct
0x1�
�
�
DEC @Ri
Decrement indirect
0x16-0x17
1
�
DJNZ direct� rel
Decrement and jump if not zero
0xD�
�
4/�(*)
�OV bit� C
Move carry flag and direct bit
0x9�
�
�
CLR bit
Clear bit
0xC�
�
�
SETB bit
Set bit
0xD�
�
�
Note: (*) If the condition is true� the machine c�cle will add 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com