Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 179 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 179 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 175Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 176Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 177Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 178Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 179Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 180Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 181Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 182Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 183Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 226 page
background image
Rev. 1.00
179 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Bit 3
SI: Serial Interrupt Request flag
0: No Interrupt request
1: Interrupt request
The SI bit will be set by hardware when one of the 25 out of 26 possible I2C statuses is
entered. The only state that does not set the SI bit is the state F8H, which indicates that
no relevant state information is available. This bit must be cleared by the application
program.
Bit 2
AA: I2C Acknowledge Indication flag
0: No Acknowledge
1: Acknowledge
This bit indicates the type of acknowledge returned during the acknowledge cycle on
the SCL pin. If this bit is cleared to low, a “no acknowledge” (high level on SDA) is
returned during the acknowledge cycle. If the bit is set to high, an “acknowledge” (low
level on SDA) is returned during the acknowledge cycle.
When AA=1, an “acknowledge” will be returned under the following conditions:
- The “own slave address” has been received
- The general call address has been received while the GC bit in the I2CADR register
was set
- A data byte has been received while the I2C was in the master receiver mode
- A data byte has been received while the I2C was in the slave receiver mode
When AA= 0, a “not acknowledge” will be returned under the following conditions:
- A data byte has been received while the I2C was in the master receiver mode
- A data byte has been received while the I2C was in the slave receiver mode
Bit 1~0
Unimplemented, read as “0”
I2CLK Register
SFR Address: E9h
Bit
7
6
5
4
3
2
1
0
Name
I�CLK.7
I�CLK.6
I�CLK.�
I�CLK.4
I�CLK.�
I�CLK.�
I�CLK.1
I�CLK.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
1
0
0
1
Bit 7~0
I2C clock rate bit 7~0
The I2C baud rate calculation is described as follow:
I C_Baud_Rate =
fSYS
4*(I2CLK[7:0]+5)
2
Here fSYS is the system clock frequency.
For example, if the system clock is 12MHZ and I2CLK [7:0]=19h(25), then
I2C_baud_rate=12MHz/(4*(25+5))=100Kbit/Sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com