Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6V31
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6V31 Datasheet HTML 4Page - Microchip Technology MCP6V31 Datasheet HTML 5Page - Microchip Technology MCP6V31 Datasheet HTML 6Page - Microchip Technology MCP6V31 Datasheet HTML 7Page - Microchip Technology MCP6V31 Datasheet HTML 8Page - Microchip Technology MCP6V31 Datasheet HTML 9Page - Microchip Technology MCP6V31 Datasheet HTML 10Page - Microchip Technology MCP6V31 Datasheet HTML 11Page - Microchip Technology MCP6V31 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP6V31/1U
DS25127A-page 8
© 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Common Mode Voltage with VDD =1.8V.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Voltage with VDD =5.5V.
FIGURE 2-9:
CMRR.
FIGURE 2-10:
PSRR.
FIGURE 2-11:
DC Open-Loop Gain.
FIGURE 2-12:
CMRR and PSRR vs.
Ambient Temperature.
6
8
V
DD = 1.8V
Representative Part
4
6
Representative Part
0
2
-2
0
-4
+125°C
+85°C
+25°C
-8
-6
+25 C
-40°C
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Input Common Mode Voltage (V)
6
8
V
DD = 5.5V
Representative Part
4
6
Representative Part
0
2
-2
0
-4
+125°C
+85°C
+25°C
-8
-6
+25 C
-40°C
Input Common Mode Voltage (V)
30%
40%
50%
60%
70%
80%
21 Samples
T
A = 25°C
V
DD = 5.5V
0%
10%
20%
1/CMRR (μV/V)
V
DD = 1.8V
45%
50%
20 Samples
T
A = +25°C
35%
40%
25%
30%
35%
20%
25%
10%
15%
0%
5%
-1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
1/PSRR (μV/V)
80%
90%
21 Samples
T
A = +25°C
60%
70%
50%
60%
V
DD = 5.5V
30%
40%
20%
30%
V
DD = 1.8V
0%
10%
V
DD
1.8V
-0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5
1/A
OL (μV/V)
155
160
145
150
PSRR
135
140
145
130
135
120
125
CMRR
V
=55V
110
115
CMRR
V
DD =5.5V
V
DD = 1.8V
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com