Electronic Components Datasheet Search
  English  ▼

X  

MCP6441 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6441
Description  450 nA, 9 kHz Op Amp
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6441_12 Datasheet HTML 2Page - Microchip Technology MCP6441_12 Datasheet HTML 3Page - Microchip Technology MCP6441_12 Datasheet HTML 4Page - Microchip Technology MCP6441_12 Datasheet HTML 5Page - Microchip Technology MCP6441_12 Datasheet HTML 6Page - Microchip Technology MCP6441_12 Datasheet HTML 7Page - Microchip Technology MCP6441_12 Datasheet HTML 8Page - Microchip Technology MCP6441_12 Datasheet HTML 9Page - Microchip Technology MCP6441_12 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCP6441/2/4
DS22257C-page 6
© 2010-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-11:
Input Bias, Offset Current
vs. Ambient Temperature.
FIGURE 2-12:
Input Bias Current vs.
Common Mode Input Voltage.
100
1,000
0.1
1
10
100
1000
10000
Frequency (Hz)
0.1
1
10
100
1k
10k
0
50
100
150
200
250
300
350
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 6.0 V
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Frequency (Hz)
CMRR
PSRR-
PSRR+
c
Representative Part
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VDD = 1.4V to 6.0V, VCM = VSS)
CMRR (VDD = 6.0V, VCM = -0.3V to 6.3V)
CMRR (VDD = 1.4V, VCM = -0.3V to 1.7V)
1
10
100
1000
25
45
65
85
105
125
Ambient Temperature (°C)
Input Bias Current
VDD = 6.0V
Input Offset Current
1
10
100
1000
Common Mode Input Voltage (V)
VDD = 6.0V
TA = +125°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com