Electronic Components Datasheet Search
  English  ▼

X  

AD558JP Datasheet(PDF) 3 Page - Analog Devices

Part # AD558JP
Description  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD558JP Datasheet(HTML) 3 Page - Analog Devices

  AD558JP Datasheet HTML 1Page - Analog Devices AD558JP Datasheet HTML 2Page - Analog Devices AD558JP Datasheet HTML 3Page - Analog Devices AD558JP Datasheet HTML 4Page - Analog Devices AD558JP Datasheet HTML 5Page - Analog Devices AD558JP Datasheet HTML 6Page - Analog Devices AD558JP Datasheet HTML 7Page - Analog Devices AD558JP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD558
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V
Digital Inputs (Pins 1–10) . . . . . . . . . . . . . . . . . . 0 V to +7.0 V
VOUT . . . . . . . . . . . . . . . . . . . . . . . Indefinite Short to Ground
Momentary Short to VCC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Storage Temperature Range
N/P (Plastic) Packages . . . . . . . . . . . . . . . . –25
°C to +100°C
D (Ceramic) Package . . . . . . . . . . . . . . . . . –55
°C to +150°C
Lead Temperature (soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Thermal Resistance
Junction to Ambient/Junction to Case
D (Ceramic) Package . . . . . . . . . . . . . . 100
°C/W/30°C/W
N/P (Plastic) Packages . . . . . . . . . . . . . 140
°C/W/55°C/W
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
AD558 METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Figure 1a. AD558 Pin Configuration (DIP)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD558
TOP VIEW
(Not to Scale)
VOUT
VOUT SENSE
VOUT SELECT
GND
GND
+VCC
CS
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
(MSB) DB7
CE
Figure 1a. AD558 Pin Configuration (DIP)
AD558
TOP VIEW
(Not to Scale)
1
2
3
20 19
9 10 11 12 13
4
5
7
6
8
18
17
16
15
14
VOUTSELECT
GND
NC
GND
+VCC
DB2
DB3
DB4
DB5
NC
NC = NO CONNECT
Figure 1b. AD558 Pin Configuration (PLCC and LCC)
ORDERING GUIDE
Relative Accuracy
Full-Scale
Error Max
Error, Max
Package
Model
1
Temperature
TMIN to TMAX
TMIN to TMAX
Option
2
AD558JN
0
°C to +70°C
±1/2 LSB
±2.5 LSB
Plastic (N-16)
AD558JP
0
°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20A)
AD558JD
0
°C to +70°C
±1/2 LSB
±2.5 LSB
TO-116 (D-16)
AD558KN
0
°C to +70°C
±1/4 LSB
±1 LSB
Plastic (N-16)
AD558KP
0
°C to +70°C
±1/4 LSB
±1 LSB
PLCC (P-20A)
AD558KD
0
°C to +70°C
±1/4 LSB
±1 LSB
TO-116 (D-16)
AD558SD
–55
°C to +125°C
±3/4 LSB
±2.5 LSB
TO-116 (D-16)
AD558TD
–55
°C to +125°C
±3/8 LSB
±1 LSB
TO-116 (D-16)
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices
Military Products Databook or current AD558/883B data sheet.
2D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com