Electronic Components Datasheet Search
  English  ▼

X  

KBJ400 Datasheet(PDF) 1 Page - First Components International

Part # KBJ400
Description  4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBJ400 Datasheet(HTML) 1 Page - First Components International

  KBJ400 Datasheet HTML 1Page - First Components International KBJ400 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJ-4-001
DIMENSIONS IN INCH (MM)
FEATURE
Surge overload rating –150Amps peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
Plastic material has Underwrites Laboratory Flammability Classification 94V-0
Mounting Position: Any
Max Ratings and Electrical Characteristic
Characteristics
Symbol KBJ
400
KBJ
401
KBJ
402
KBJ
404
KBJ
406
KBJ
408
KBJ
410
UNIT
Max Recurrent peak reverse voltage
Vrrm
50
100
200
400
600
800 1000
V
Max RMS Voltage
Vrms
35
70
140
240
420
560 700
V
Max DC Voltage
Vdc
50
100
200
400
600
800 1000
V
Max Average Forward Volt Tc=100C
I(av)
4.0
A
Peak forward Surge current 8.3ms
IFSM
150
A
Max Forward Voltage 3.0A
Vf
1.0
V
Max DC Reverse Tj=25C/125C
IR
5.0/500
uA
I2tRrating for Fusing(t<8.3ms)
I2t
93
A2S
Typical Junction Capacitance
Cj
45
Pf
Typical Thermal Resistance
Rthjc
2.2
C/w
Operating & Storage Temp.
Tj/Tstg
-40~+125
C
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
2.Device Mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink


Similar Part No. - KBJ400

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Kwang Myoung I.S. CO.,L...
KBJ4005 KISEMICONDUCTOR-KBJ4005 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBJ4005 YFWDIODE-KBJ4005 Datasheet
198Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
KBJ4005 DGNJDZ-KBJ4005 Datasheet
194Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ400

ManufacturerPart #DatasheetDescription
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ600 FCI-KBJ600 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com