Electronic Components Datasheet Search
  English  ▼

X  

AD558KP Datasheet(PDF) 7 Page - Analog Devices

Part # AD558KP
Description  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD558KP Datasheet(HTML) 7 Page - Analog Devices

  AD558KP Datasheet HTML 1Page - Analog Devices AD558KP Datasheet HTML 2Page - Analog Devices AD558KP Datasheet HTML 3Page - Analog Devices AD558KP Datasheet HTML 4Page - Analog Devices AD558KP Datasheet HTML 5Page - Analog Devices AD558KP Datasheet HTML 6Page - Analog Devices AD558KP Datasheet HTML 7Page - Analog Devices AD558KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD558
REV. A
–7–
OUTPUT
AMP
16
15
14
13
AGND
VOUT SELECT
VOUT SENSE
VOUT
–V
0.5mA
b. 0 V to 10 V Output Range
Figure 11. Offset Connection Diagrams
INTERFACING THE AD558 TO MICROPROCESSOR
DATA BUSES
The AD558 is configured to act like a “write only” location in
memory that may be made to coincide with a read only memory
location or with a RAM location. The latter case allows data
previously written into the DAC to be read back later via the
RAM. Address decoding is partially complete for either ROM
or RAM. Figure 12 shows interfaces for three popular micropro-
cessor systems.
ADDRESS BUS
DATA BUS
6800
VMA
φ2
R/W
AD558
VOUT
DB0–DB7
16
8
8
CE
CS
ADDRESS
DECODER
16
R/W
→ CE
GATED DECODED ADDRESS
→ CS
a. 6800/AD558 Interface
ADDRESS BUS
DATA BUS
8080A
AD558
VOUT
DB0–DB7
16
8
8
CE
CS
ADDRESS SELECT
PULSE LOGIC
16
MEMW
MEMW
→ CE
DECODED ADDRESS SELECT PULSE
→ CS
b. 8080A/AD558 Interface
ADDRESS BUS
DATA BUS
1802
AD558
VOUT
DB0–DB7
8
8
8
CE
CS
ADDRESS
LATCH
&
DECODE
8
MWR
CDP 1802: MWR
→ CE
DECODED ADDRESS SELECT PULSE
→ CS
TPA
MA 0 – 7
c. 1802/AD558 Interface
Figure 12. Interfacing the AD558 to Microprocessors
Performance (typical @ +25 C, V
CC
+5 V to +15 V unless otherwise noted)
0
LSB
1.75
1.50
1.25
1.00
0.75
0.50
0.25
–0.25
–0.50
–0.75
–1.00
–55
–25
0
+25
+50
+75
+100
+125
oC
FULL
SCALE
ERROR
ALL AD558
AD558S, T
1LSB = 0.39% OF FULL SCALE
Figure 13. Full-Scale Accuracy vs. Temperature
Performance of AD558
0
LSB
1/2
1/4
–55
–25
0
+25
+50
+75
+100
+125
oC
ZERO
ERROR
ALL AD558
AD558S, T
1LSB = 0.39% OF FULL SCALE
–1/4
–1/2
Figure 14. Zero Drift vs. Temperature Performance
of AD558



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com