Electronic Components Datasheet Search
  English  ▼

X  

KBJ600 Datasheet(PDF) 1 Page - First Components International

Part # KBJ600
Description  6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBJ600 Datasheet(HTML) 1 Page - First Components International

  KBJ600 Datasheet HTML 1Page - First Components International KBJ600 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJ-6
DIMENSIONS IN INCH (MM)
FEATURE
Surge overload rating –150Amps peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
Plastic material has Underwrites Laboratory Flammability Classification 94V-0
Mounting Position: Any
Max Ratings and Electrical Characteristic
Characteristics
Symbol KBJ
600
KBJ
601
KBJ
602
KBJ
604
KBJ
606
KBJ
608
KBJ
610
UNIT
Max Recurrent peak reverse voltage
Vrrm
50
100
200
400
600
800 1000
V
Max RMS Voltage
Vrms
35
70
140
240
420
560 700
V
Max DC Voltage
Vdc
50
100
200
400
600
800 1000
V
Max Average Forward Volt Tc=100C
I(av)
6.0
A
Peak forward Surge current 8.3ms
IFSM
150
A
Max Forward Voltage 3.0A
Vf
1.0
V
Max DC Reverse Tj=25C/125C
IR
5.0/500
uA
I2tRrating for Fusing(t<8.3ms)
I2t
120
A2S
Typical Junction Capacitance
Cj
55
pF
Typical Thermal Resistance
Rthjc
1.8
C/w
Operating & Storage Temp.
Tj/Tstg
-55~+150
C
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
2.Device Mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink


Similar Part No. - KBJ600

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBJ60010 ZSELEC-KBJ60010 Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
KBJ6005 RFE-KBJ6005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ6005 LUGUANG-KBJ6005 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
Suntan Capacitors
KBJ6005 SUNTAN-KBJ6005 Datasheet
368Kb / 2P
Ideal for printed circuit board
logo
SUNMATE electronic Co.,...
KBJ6005 SUNMATE-KBJ6005 Datasheet
383Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ600

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601 Datasheet
53Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ400 FCI-KBJ400 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com