Electronic Components Datasheet Search
  English  ▼

X  

AD5542LRZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD5542LRZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5542LRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5542LRZ Datasheet HTML 9Page - Analog Devices AD5542LRZ Datasheet HTML 10Page - Analog Devices AD5542LRZ Datasheet HTML 11Page - Analog Devices AD5542LRZ Datasheet HTML 12Page - Analog Devices AD5542LRZ Datasheet HTML 13Page - Analog Devices AD5542LRZ Datasheet HTML 14Page - Analog Devices AD5542LRZ Datasheet HTML 15Page - Analog Devices AD5542LRZ Datasheet HTML 16Page - Analog Devices AD5542LRZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5541/AD5542
Rev. F | Page 13 of 20
POWER-ON RESET
The AD5541/AD5542 have a power-on reset function to ensure
that the output is at a known state on power-up. On power-up,
the DAC register contains all 0s until the data is loaded from
the serial register. However, the serial register is not cleared on
power-up, so its contents are undefined. When loading data
initially to the DAC, 16 bits or more should be loaded to prevent
erroneous data appearing on the output. If more than 16 bits are
loaded, the last 16 are kept, and if less than 16 bits are loaded,
bits remain from the previous word. If the AD5541/AD5542
need to be interfaced with data shorter than 16 bits, the data
should be padded with 0s at the LSBs.
POWER SUPPLY AND REFERENCE BYPASSING
For accurate high-resolution performance, it is recommended
that the reference and supply pins be bypassed with a 10 μF
tantalum capacitor in parallel with a 0.1 μF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com