Electronic Components Datasheet Search
  English  ▼

X  

AD977ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD977ARS
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD977ARS Datasheet HTML 11Page - Analog Devices AD977ARS Datasheet HTML 12Page - Analog Devices AD977ARS Datasheet HTML 13Page - Analog Devices AD977ARS Datasheet HTML 14Page - Analog Devices AD977ARS Datasheet HTML 15Page - Analog Devices AD977ARS Datasheet HTML 16Page - Analog Devices AD977ARS Datasheet HTML 17Page - Analog Devices AD977ARS Datasheet HTML 18Page - Analog Devices AD977ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD977/AD977A
–15–
REV. D
Table III. Output Codes and Ideal Input Voltages
Digital Output
Two’s Complement Straight Binary
Description
Analog Input
(SB/
BTC LOW)
(SB/
BTC HIGH)
Full-Scale Range
±10 V
±5 V
±3.33 V
0 V to 10 V
0 V to 5 V
0 V to 4 V
Least Significant Bit
305
µV
153
µV
102
µV
153
µV
76
µV
61
µV
+Full Scale (FS–1 LSB)
9.999695 V
4.999847 V
3.333231 V
9.999847 V
4.999924 V
3.999939 V
0111 1111 1111 1111
1111 1111 1111 1111
Midscale
0 V
0 V
0 V
5 V
2.5 V
2 V
0000 0000 0000 0000
1000 0000 0000 0000
One LSB Below Midscale
–305
µV
–153
µV
–102
µV
4.999847 V
2.499924 V
1.999939 V
1111 1111 1111 1111
0111 1111 1111 1111
–Full Scale
–10 V
–5 V
–3.333333 V 0 V
0 V
0 V
1000 0000 0000 0000
0000 0000 0000 0000
Table IV. Input Ranges, Offset and Full-Scale Errors Without External Resistors
AD977
Offset Error
Full-Scale Error
AD977A
Offset Error
Full-Scale Error
Input Range
A/B/C Grade
A/B/C Grade
Input Range
A/B/C Grade
A/B/C Grade
–9.890 V to 9.90 V
±25 mV/±25 mV
±0.75%/±0.50%
–9.800 V to 9.970 V
±40 mV/±40 mV
±0.80%/±0.55%
–4.943 V to 4.995 V
±25 mV/±25 mV
±0.75%/±0.50%
–4.900 V to 4.985 V
±40 mV/±40 mV
±0.80%/±0.55%
–3.295 V to 3.330 V
±25 mV/±25 mV
±0.75%/±0.50%
–3.267 V to 3.323 V
±40 mV/±40 mV
±0.80%/±0.55%
0.008 V to 9.946 V
±10 mV/±10 mV
±0.75%/±0.50%
0.007 V to 9.893 V
±10 mV/±10 mV
±0.75%/±0.50%
0.004 V to 5.023 V
±10 mV/±10 mV
±0.75%/±0.50%
0.004 V to 5.039 V
±10 mV/±10 mV
±0.75%/±0.50%
0.003 V to 4.010 V
±10 mV/±10 mV
±0.75%/±0.50%
0.003 V to 4.016 V
±10 mV/±10 mV
±0.75%/±0.50%
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977A
AD8031
200
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977A
VIN
100
AD8031
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977A
AD8031
Figure 11. AD977A Bipolar Input Configuration Using the Internal Reference; (a) VIN =
±10 V, (b) VIN = ±5 V, (c) VIN = ±3.33 V
a.
c.
b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com