Electronic Components Datasheet Search
  English  ▼

X  

KBP201 Datasheet(PDF) 1 Page - First Components International

Part # KBP201
Description  2.0 Amp SINGLE PHASE SILICON BRIDGE High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBP201 Datasheet(HTML) 1 Page - First Components International

  KBP201 Datasheet HTML 1Page - First Components International KBP201 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 165
KBP
KBP200
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
I
2
t
CJ
TJ, TSTG
KBP201 KBP202 KBP204 KBP206 KBP208 KBP210
50
100
800
600
400
35
70
560
420
280
50
100
800
600
400
2.0
10.0
60
1.0
25
1.1
UNIT
V
V
V
V
A
A
uA
mA
o
C
pF
200
140
200
1000
700
1000
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 1)
Operating Junctionand Storage
Current TA=50
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 2.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Typical Thermal Resistance per leg
Rating for fusing (t < 8.3ms)
R JA
15
32
A
2
S
o
C/W
Temperature Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(2) Thermal Resistance form junction to ambient mounted on P.C.B with 0.5 x 0.5"(13x13mm) copper pads.
¬ Weight: 0.06 ounce, 1.7 grams
¬ Terminals: Solderable per MIL-STD-202,
Features
¬ Case: Molded plastic body over passivated
¬ Polarity: As marked on body
¬ Mounting position: Any
junctions
Mechanical Data
¬ Plastic package has Underwriters
Laboratory Flammability Classification
¬ Ideal for printed circuit boards
¬ High surge current capability
94V-0
method 208
+
14.2
0.5
+
11.5
0.5
14.0 MIN.
+
0.8
0.1
0
+
3.75
0.5
+
10.6
0.5
+
4.5
0.2
+
1.2
0.2
Description
Mechanical Dimensions
Data Sheet
2.0 Amp
SINGLE PHASE SILICON BRIDGE
Typical Thermal Resistance (Note 2)
R JL
11


Similar Part No. - KBP201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP201 WTE-KBP201 Datasheet
37Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBP201 JGD-KBP201 Datasheet
118Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBP201 EIC-KBP201 Datasheet
18Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
Comchip Technology
KBP201 COMCHIP-KBP201 Datasheet
138Kb / 3P
Silicon Bridge Rectifiers
More results

Similar Description - KBP201

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
2W005 FCI-2W005 Datasheet
124Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBJ1000 FCI-KBJ1000 Datasheet
138Kb / 2P
10 Amps Single-Phase Silicon Bridge Rectifiers High surge current capability
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
SR220 FCI-SR220_1 Datasheet
456Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS High surge current capability
logo
Nanjing International G...
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com