Electronic Components Datasheet Search
  English  ▼

X  

KBPC4000 Datasheet(PDF) 1 Page - First Components International

Part # KBPC4000
Description  40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC4000 Datasheet(HTML) 1 Page - First Components International

  KBPC4000 Datasheet HTML 1Page - First Components International KBPC4000 Datasheet HTML 2Page - First Components International KBPC4000 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feature
Mechanical Data
▓ Surge overload 400A
▓ Case: Molded plastic body over passivated junctions
▓ Low forward voltage drop
▓ Polarity: Polarity symbols molded on body
▓ Mounting Position: Any
▓ Terminals: Lead Solderable per MIL-STD-750
▓ Electrically isolated base-2000Volts
Method 2026
▓ Solderable 0.25" Faston Terminals
▓ MountingTorque: 5 in-lbs max
▓ Materials used carries U/L recognition
▓ Weight: 19.5 grams(Faston); 14.5grams(Wire Lead)
Max Ratings at Ta=25C Unless Otherwise Specified
Unit
4000
4001
4002
4004
4006
4008
4010
Vrrm
50
100
200
400
600
800
1000
V
Vrwm
35
70
140
280
420
560
700
V
Vdc
50
100
200
400
600
800
1000
V
IF(AV)
V
IFSM
A
Vf
V
Ir
uA
Tj/Ts
C
Rthja
C/W
Rthjc
C/W
I
2t
C/W
2.3
-40 ~+125
Thermal Resistance Case to Heatsink
Symbol
Characteristic
KBPC4000~4010
40
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
2.6
Thermal Resistance Junction to Case
Peak Forward Surge Current 10ms Sine pulse,
rated Vrrm applied
Max Forward Voltage IF=20A @25C
Reverse Leakage Current WITH Vr @ 25C/125C
374
Rating for fusing(t<8.3ms)
Dimensions in mm
KBPC-PF
400
1.0
5.0/500
Operating & Storage Temp. Range
40 Amps Plastic case
Silicon Bridge Rectifiers


Similar Part No. - KBPC4000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC4000 WTE-KBPC4000 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
KBPC4000 WTE-KBPC4000 Datasheet
54Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC4000 WTE-KBPC4000 Datasheet
54Kb / 4P
40A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
DAESAN ELECTRONIC CORP.
KBPC40005 DAESAN-KBPC40005 Datasheet
204Kb / 2P
CURRENT 40.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
More results

Similar Description - KBPC4000

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
BR800 EDAL-BR800 Datasheet
68Kb / 1P
Silicon Bridge Rectifiers 8 Amps to 10 Amps
BR5000 EDAL-BR5000 Datasheet
78Kb / 1P
Silicon Bridge Rectifiers 50 Amps
logo
DIOTEC Electronics Corp...
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBPC1500 FCI-KBPC1500 Datasheet
337Kb / 4P
15Amps Single Phase Silicon Bridge Mounting Position: Any
KBPC3500 FCI-KBPC3500 Datasheet
293Kb / 3P
35 Amps plastic Case Silicon Bridge Rectifiers
logo
Micro Commercial Compon...
W005M MCC-W005M_11 Datasheet
310Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
List of Unclassifed Man...
90-160 ETC2-90-160 Datasheet
284Kb / 2P
Any position mounting
logo
DIOTEC Electronics Corp...
40SDB DEC-40SDB Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com