Electronic Components Datasheet Search
  English  ▼

X  

ADRF6755ACPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ Datasheet HTML 24Page - Analog Devices ADRF6755ACPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 21 of 48
THEORY OF OPERATION
OVERVIEW
The ADRF6755 device can be divided into the following basic
building blocks:
•
PLL synthesizer and VCO
•
Quadrature modulator
•
Attenuator
•
Voltage regulator
•
I2C/SPI interface
Each of these building blocks is described in detail in the
sections that follow.
PLL SYNTHESIZER AND VCO
Overview
The phase-locked loop (PLL) consists of a fractional-N frequency
synthesizer with a 25-bit fixed modulus, allowing a frequency
resolution of less than 1 Hz over the entire frequency range. It
also has an integrated voltage-controlled oscillator (VCO) with
a fundamental output frequency ranging from 2310 MHz to
4800 MHz. An RF divider, controlled by Register CR28,
Bits[2:0], extends the lower limit of the local oscillator (LO)
frequency range to 100 MHz. See Table 6 for more details on
Register CR28.
Reference Input Section
The reference input stage is shown Figure 52. SW1 and SW2 are
normally closed switches. SW3 is normally open. When power-
down is initiated, SW3 is closed, and SW1 and SW2 are open. This
ensures that there is no loading of the REFIN pin at power-down.
Figure 52. Reference Input Stage
Reference Input Path
The on-chip reference frequency doubler allows the input
reference signal to be doubled. This is useful for increasing the
PFD comparison frequency. Making the PFD frequency higher
improves the noise performance of the system. Doubling the
PFD frequency usually improves the in-band phase noise
performance by up to 3 dBc/Hz.
The 5-bit R-divider allows the input reference frequency (REFIN) to
be divided down to produce the reference clock to the PFD.
Division ratios from 1 to 32 are allowed.
An additional divide-by-2 (÷2) function in the reference input
path allows for a greater division range.
Figure 53. Reference Input Path
The PFD frequency equation is
fPFD = fREFIN × [(1 + D)/(R × (1 + T))]
(1)
where:
fREFIN is the reference input frequency.
D is the doubler bit.
R is the programmed divide ratio of the binary 5-bit
programmable reference divider (1 to 32).
T is the R/2 divider setting bit (CR10[6] = 0 or 1).
If no division is required, it is recommended that the 5-bit
R-divider and the divide-by-2 be disabled by setting CR5[4] = 0.
If an even numbered division is required, enable the divide-by-2
by setting CR5[4] = 1 and CR10[6] = 1 and implement the
remainder of the division in the 5-bit R-divider. If an odd number
division is required, set CR5[4] = 1 and implement all of the
division in the 5-bit R-divider.
RF Fractional-N Divider
The RF fractional-N divider allows a division ratio in the PLL
feedback path that can range from 23 to 4095. The relationship
between the fractional-N divider and the LO frequency is
described in the INT and FRAC Relationship section.
INT and FRAC Relationship
The integer (INT) and fractional (FRAC) values make it possible to
generate output frequencies that are spaced by fractions of the
phase frequency detector (PFD) frequency. See the Example—
Changing the LO Frequency section for more information.
The LO frequency equation is
LO = fPFD × (INT + (FRAC/225))/2RFDIV
(2)
where:
LO is the local oscillator frequency.
fPFD is the PFD frequency.
INT is the integer component of the required division factor
and is controlled by the CR6 and CR7 registers.
FRAC is the fractional component of the required division
factor and is controlled by the CR0 to CR3 registers.
RFDIV is set in Register CR28, Bits[2:0], and controls the
setting of the divider at the output of the PLL.
Figure 54. RF Fractional-N Divider
BUFFER
TO
R-DIVIDER
REFIN
100
kΩ
NC
SW2
SW3
NC
NC
SW1
POWER-DOWN
CONTROL
×2
DOUBLER
5-BIT
R-DIVIDER
FROM
REFIN
PIN
TO
PFD
÷2
N-COUNTER
INT
REG
TO
PFD
RF N-DIVIDER
N = INT + FRAC/225
FROM VCO
OUTPUT
DIVIDERS
FRAC
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com