Electronic Components Datasheet Search
  English  ▼

X  

ADC0832CCWM Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC0832CCWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0832CCWM Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC0832CCWM Datasheet HTML 10Page - Texas Instruments ADC0832CCWM Datasheet HTML 11Page - Texas Instruments ADC0832CCWM Datasheet HTML 12Page - Texas Instruments ADC0832CCWM Datasheet HTML 13Page - Texas Instruments ADC0832CCWM Datasheet HTML 14Page - Texas Instruments ADC0832CCWM Datasheet HTML 15Page - Texas Instruments ADC0832CCWM Datasheet HTML 16Page - Texas Instruments ADC0832CCWM Datasheet HTML 17Page - Texas Instruments ADC0832CCWM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Table 3. MUX Addressing: ADC0838-N Differential MUX Mode
MUX Address
Analog Differential Channel-Pair #
SGL/
ODD/
SELECT
0
1
2
3
DIF
SIGN
1
0
0
1
2
3
4
5
6
7
0
0
0
0
+
−
0
0
0
1
+
−
0
0
1
0
+
−
0
0
1
1
+
−
0
1
0
0
−
+
0
1
0
1
−
+
0
1
1
0
−
+
0
1
1
1
−
+
Table 4. MUX Addressing: ADC0834-N Single-Ended MUX Mode
MUX Address
Channel #
SELECT
SGL / DIF
ODD / SIGN
0
1
2
3
1
1
0
0
+
1
0
1
+
1
1
0
+
1
1
1
+
Table 5. MUX Addressing: ADC0834-N Differential MUX Mode
MUX Address
Channel #
SELECT
SGL / DIF
ODD / SIGN
0
1
2
3
1
0
0
0
+
−
0
0
1
+
−
0
1
0
−
+
0
1
1
−
+
Table 6. MUX Addressing: ADC0832-N Single-Ended MUX Mode
MUX Address
Channel #
SGL / DIF
ODD / SIGN
0
1
1
0
+
1
1
+
Table 7. MUX Addressing: ADC0832-N Differential MUX Mode
MUX Address
Channel #
SGL / DIF
ODD / SIGN
0
1
0
0
+
−
0
1
−
+
Since the input configuration is under software control, it can be modified, as required, at each conversion. A
channel can be treated as a single-ended, ground referenced input for one conversion; then it can be
reconfigured as part of a differential channel for another conversion. Figure 22 illustrates the input flexibility which
can be achieved.
The analog input voltages for each channel can range from 50 mV below ground to 50 mV above VCC (typically
5V) without degrading conversion accuracy.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com