Electronic Components Datasheet Search
  English  ▼

X  

Z8F0830 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8F0830
Description  High-Performance 8-Bit Microcontrollers
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0830 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8F0830 Datasheet HTML 35Page - Zilog, Inc. Z8F0830 Datasheet HTML 36Page - Zilog, Inc. Z8F0830 Datasheet HTML 37Page - Zilog, Inc. Z8F0830 Datasheet HTML 38Page - Zilog, Inc. Z8F0830 Datasheet HTML 39Page - Zilog, Inc. Z8F0830 Datasheet HTML 40Page - Zilog, Inc. Z8F0830 Datasheet HTML 41Page - Zilog, Inc. Z8F0830 Datasheet HTML 42Page - Zilog, Inc. Z8F0830 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 257 page
background image
PS025113-1212
Reset and Stop Mode Recovery
Z8 Encore!® F0830 Series
Product Specification
21
Reset and Stop Mode Recovery
The reset controller in the Z8 Encore! F0830 Series controls RESET and Stop Mode
Recovery operations. In a typical operation, the following events can cause a reset:
•
Power-On Reset (POR)
•
Voltage Brown-Out (VBO)
•
Watchdog Timer time-out (when configured by the WDT_RES Flash option bit to
initiate a reset)
•
External RESET pin assertion (when the alternate RESET function is enabled by the
GPIO register)
•
On-Chip Debugger initiated reset (OCDCTL[0] set to 1)
When the device is in STOP Mode, a Stop Mode Recovery event is initiated by either of
the following occurrences:
•
A Watchdog Timer time-out
•
A GPIO port input pin transition on an enabled Stop Mode Recovery source
The VBO circuitry on the device generates a VBO reset when the supply voltage drops
below a minimum safe level.
Reset Types
The Z8 Encore! F0830 Series provides different types of Reset operations. Stop Mode
Recovery is considered a form of reset. Table 9 lists the types of resets and their operating
characteristics. The duration of a system reset is longer if the external crystal oscillator is
enabled by the Flash option bits; the result is additional time for oscillator startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com