Electronic Components Datasheet Search
  English  ▼

X  

32LET Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 32LET
Description  Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

32LET Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  32LET Datasheet HTML 1Page - Cooper Bussmann, Inc. 32LET Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-18-01
SB01191
Form No.
Page 1 of 2
BIF Doc #720004
Bussmann®
®
British Style BS 88
240V
6-900A
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2S)
Carton
Current
Clearing
Clearing
Watts
Part
Carton
Weight
Figure
Type
RMS-Amps
Pre-arc
at 120V
at 240V
Loss
Number
Qty.
(kg)
Number
BIF #
6
2
6
9
1.0
6LCT
10
3.8
12
22
2.5
10LCT
LCT
12
7
22
32
2.5
12LCT
20
0.110
Fig. 1
16
20
50
100
2.5
16LCT
35785296
20
25
80
160
4.0
20LCT
25
18
120
250
4.0
25LET
32
32
200
450
5.0
32LET
35
50
320
600
5.0
35LET
50
100
500
1400
7.0
50LET
LET
63
180
1100
2200
9.0
63LET
80
300
1900
3800
10.0
80LET
10
0.310
Fig. 2
35785293
100
600
3800
7500
10.0
100LET
125
600
3800
7500
16.0
125LET
160
1100
7000
16000
20.0
160LET
180
1600
12000
29000
21.0
180LET a
160
1100
7000
16000
17.0
160LMT
200
1500
10000
20000
28.0
200LMT
250
3200
20000
40000
28.0
250LMT
LMT
315
6000
35000
75000
35.0
315LMT
1
0.180
Fig. 3
355
8000
50000
100000
35.0
355LMT
35785294
400
14000
70000
160000
40.0
400LMT
450
18000
100000
220000
42.0
450LMT
400
6000
35000
80000
60.0
400LMMT
500
14000
80000
170000
64.0
500LMMT
630
24000
150000
300000
75.0
630LMMT
LMMT
710
32000
200000
460000
77.0
710LMMT
1
0.370
Fig. 4
35785295
800
52000
300000
600000
82.0
800LMMT
900
75000
400000
800000
97.0
900LMMT
Interrupting rating 200kA RMS Symmetrical.
150 Vdc rating
1 kg = 2.2 lbs
1 lb = 0.45 kg
Watts loss provided at rated current.
Note: 7LET, 10LET, 12LET and 16LET are available for replacement purposes on existing equipment.
All fuses above have been tested at 318 Vac.
See accessories on page 72.
56
41.8
26.2
17.7
19.1
12.7
7.1
9.7
Fig. 1: LCT
Fig. 2: LET
47
38
28
6.4
8.4
8.7
4
5.5
Dimensions
Dimensions in mm.
1mm = 0.0394∑
1∑ = 25.4mm


Similar Part No. - 32LET

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
32LET COOPER-32LET Datasheet
38Kb / 2P
25-180A, 240 Volts
More results

Similar Description - 32LET

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4984 NJSEMI-1N4984 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4995 NJSEMI-1N4995 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N5555_1202 NJSEMI-1N5555_1202 Datasheet
292Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com